| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXP45X bảng dữ liệu(PDF) 99 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X bảng dữ liệu(HTML) 99 Page - Intel Corporation |
|
99 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors August 2006 Datasheet Document Number: 306261-004US 99 Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors AC1 ETH_MDC X X X AC2 ETHB_CRS SMII_SYNC SMII_TXSYNC X X X AC3 VCCP X X X AC4 VSS X X X AC5 VCCP X X X AC6 UTP_OP_DATA[7] SMII_TXDATA[4] X X AC7 UTP_OP_DATA[3] ETHA_TXDATA[3] X X AC8 UTP_IP_DATA[5] ETHA_COL X X AC9 UTP_OP_FCO X X AC10 VCCP X X X AC11 UTP_IP_FCI X X AC12 VCCPLL1 X X X AC13 UTP_IP_ADDR[4] X X AC14 RESET_IN_N X X X AC15 JTG_TMS X X X AC16 JTG_TCK X X X AC17 CTS0_N X X X AC18 GPIO[14] X X X AC19 GPIO[9] X X X AC20 GPIO[4] X X X AC21 SSP_TXD X X X AC22 EX_ADDR[15] X X X AC23 VSS X X X AC24 EX_ADDR[9] X X X AC25 EX_DATA[0] X X X AC26 VCCP X X X Table 26. Processors’ Ball Map Assignments (Sheet 23 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |