| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXP45X bảng dữ liệu(PDF) 101 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X bảng dữ liệu(HTML) 101 Page - Intel Corporation |
|
101 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors August 2006 Datasheet Document Number: 306261-004US 101 Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors AE1 VSS X X X AE2 UTP_OP_DATA[6] X X AE3 UTP_OP_DATA[2] ETHA_TXDATA[2] X X AE4 UTP_OP_DATA[1] ETHA_TXDATA[1] X X AE5 UTP_IP_DATA[4] ETHA_RXDV X X AE6 UTP_IP_DATA[1] ETHA_RXDATA[1] X X AE7 VCCP X X X AE8 UTP_OP_ADDR[4] X X AE9 UTP_OP_ADDR[1] X X AE10 UTP_IP_FCO X X AE11 OSC_VSSP X X X AE12 OSC_VSSP X X X AE13 UTP_IP_ADDR[3] X X AE14 UTP_IP_ADDR[1] X X AE15 VCCP X X X AE16 SCANTESTMODE_N X X X AE17 JTG_TDO X X X AE18 RXDATA1 X X X AE19 RTS1_N X X X AE20 RTS0_N X X X AE21 GPIO[15] X X X AE22 GPIO[6] X X X AE23 GPIO[2] X X X AE24 SSP_SCLK X X X AE25 SSP_EXTCLK X X X AE26 VSS X X X Table 26. Processors’ Ball Map Assignments (Sheet 25 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |