| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482BPF bảng dữ liệu(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF bảng dữ liệu(HTML) 13 Page - fujitsu semiconductor |
|
13 / 124 page ![]() MB90480B/485B Series DS07-13722-11E 13 (Continued) *1 : QFP : FPT-100P-M06 *2 : LQFP : FPT-100P-M20 *3 : For the I/O circuit type, refer to “ ■ I/O CIRCUIT TYPES”. *4 : As for MB90V485B, input pins become CMOS input. Pin No. Pin name I/O circuit type*3 Function QFP*1 LQFP*2 63 61 P95 D (CMOS) This is a general purpose I/O port. PPG5 PPG timer output pin. 64 62 P96 E (CMOS/H) This is a general purpose I/O port. IN0 Input capture ch.0 trigger input pin. 65 63 P97 E (CMOS/H) This is a general purpose I/O port. IN1 Input capture ch.1 trigger input pin. 66 to 69 64 to 67 PA0 to PA3 D (CMOS) These are general purpose I/O ports. OUT0 to OUT3 Output compare event output pins. 35 33 AVCC ⎯ A/D converter analog power supply input pin. 36 34 AVRH ⎯ A/D converter reference voltage input pin. 37 35 AVSS ⎯ A/D converter GND pin. 49 to 51 47 to 49 MD0 to MD2 J (CMOS/H) Operating mode selection input pins. 84 82 VCC3 ⎯ 3.3 V ± 0.3 V power supply pins (VCC3) . 23 21 VCC5 ⎯ MB90480B series 3.3 V ± 0.3 V power supply pin. Usually, use VCC = VCC3 = VCC5 as a 3 V power supply. MB90485B series 3 V/5 V power supply pin. 5 V power supply pin when P20 to P27, P30 to P37, P40 to P47, P70 to P77 are used as 5 V I/F pins. Usually, use VCC = VCC3 = VCC5 as a 3 V power supply (when the 3 V power supply is used alone) . 11, 42, 81 9, 40, 79 VSS ⎯ GND pins. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |