| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F482BPF bảng dữ liệu(PDF) 6 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF bảng dữ liệu(HTML) 6 Page - fujitsu semiconductor |
|
6 / 124 page ![]() MB90480B/485B Series 6 DS07-13722-11E ■ PIN ASSIGNMENT (TOP VIEW) (FPT-100P-M06) 1 P20/A16 P21/A17 P22/A18 P23/A19 P24/A20/PPG0 P25/A21/PPG1 P26/A22/PPG2 P27/A23/PPG3 P30/A00/AIN0 P31/A01/BIN0 VSS P32/A02/ZIN0 P33/A03/AIN1 P34/A04/BIN1 P35/A05/ZIN1 P36/A06/PWC0* P37/A07/PWC1* P40/A08/SIN2 P41/A09/SOT2 P42/A10/SCK2 P43/A11/MT00* P44/A12/MT01* VCC5 P45/A13/EXTC* P46/A14/OUT4 P47/A15/OUT5 P70/SIN0 P71/SOT0 P72/SCK0 P73/TIN0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 X0A X1A P57/CLK RST P56/RDY P55/HAK P54/HRQ P53/WRH P52/WRL P51/RD P50/ALE PA3/OUT3 PA2/OUT2 PA1/OUT1 PA0/OUT0 P97/IN1 P96/IN0 P95/PPG5 P94/PPG4 P93/FRCK/ADTG/CS3 P92/SCK1/CS2 P91/SOT1/CS1 P90/SIN1/CS0 P87/IRQ7 P86/IRQ6 P85/IRQ5 P84/IRQ4 P83/IRQ3 P82/IRQ2 MD2 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 * : These are the pins for MB90485B series. The pins for MB90480B series are P36/A06, P37/A07, P43/A11, P44/A12, P45/A13, P75 to P77. Note : MB90485B series only • I2C pin P77 and P76 are N-ch open drain pin (without P-ch) . However, MB90V485B uses the N-ch open drain pin (with P-ch) . • P20 to P27, P30 to P37, P40 to P47 and P70 to P77 are also used as 3 V/5 V I/F pin. • As for MB90V485B, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/ μPG/I2C become CMOS input. |