công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F337 bảng dữ liệu(PDF) 25 Page - fujitsu semiconductor

tên linh kiện MB90F337
Giải thích chi tiết về linh kiện  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F337 bảng dữ liệu(HTML) 25 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 21Page - fujitsu semiconductor MB90F337 Datasheet HTML 22Page - fujitsu semiconductor MB90F337 Datasheet HTML 23Page - fujitsu semiconductor MB90F337 Datasheet HTML 24Page - fujitsu semiconductor MB90F337 Datasheet HTML 25Page - fujitsu semiconductor MB90F337 Datasheet HTML 26Page - fujitsu semiconductor MB90F337 Datasheet HTML 27Page - fujitsu semiconductor MB90F337 Datasheet HTML 28Page - fujitsu semiconductor MB90F337 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
MB90335 Series
DS07-13735-6E
25
2.
USB HOST
USB HOST provides minimal host operations required and is a function that enables data to be transferred
between devices without PC intervention.
• Features of USB HOST
• Automatic detection of Low Speed/Full Speed transfer
• Low Speed/Full Speed transfer support
• Automatic detection of connection and cutting device
• Reset sending function support to USB-bus
• Support of IN/OUT/SETUP/SOF token
• In-token handshake packet automatic transmission (excluding STALL)
• Handshake packet automatic detection at out-token
• Supports a maximum packet length of 256 bytes
• Error (CRC error/toggle error/time-out) various supports
• Wake-Up function support
• Restrictions on USB HOST
: Supported
× : Not supported
* : Only supports full speed, and supports hubs up to one level.
USB HOST
HUB support
*
Transfer
Bulk transfer
Control transfer
Interrupt transfer
Isochronous transfer
×
Transfer speed
Low Speed
Full Speed
PRE packet support
×
SOF packet support
Error
CRC error
Toggle error
Time-out
Maximum packet < receive data
Detection of connection and cutting of device
Transfer speed detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com