công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 347 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 347 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 343Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 344Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 345Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 346Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 347Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 348Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 349Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 350Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 347
PIC18F2331/2431/4331/4431
TABLE 26-5:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2V TO 5.5V)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
10
MHz HS mode only
F11
FSYS
On-Chip VCO System Frequency
16
—
40
MHz HS mode only
F12
TPLL
PLL Start-up Time (Lock Time)
—
—
2
ms
F13
CLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only
and are not tested.
TABLE 26-6:
INTERNAL RC ACCURACY
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Min
Typ
Max
Units
Conditions
INTOSC Accuracy @ Freq = 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz, 125 kHz(1)
F2
PIC18LF2331/2431/4331/4431
-15
+/-5
+15
%
25°C
VDD = 3.0V
F3
All devices
-15
+/-5
+15
%
25°C
VDD = 5.0V
INTRC Accuracy @ Freq = 31 kHz(2)
F5
PIC18LF2331/2431/4331/4431 26.562
—
35.938
kHz
25°C
VDD = 3.0V
F6
All devices 26.562
—
35.938
kHz
25°C
VDD = 5.0V
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.
2:
INTRC frequency after calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com