công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 343 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 343 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 339Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 340Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 341Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 342Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 343Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 344Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 345Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 346Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 343
PIC18F2331/2431/4331/4431
D420B
VLVD
LVD Voltage on VDD Transition High-to-Low
Industrial Low Voltage (-40°C to -10°C)
PIC18LF2X31/4X31 LVDL<3:0> = 0000
N/A
N/A
N/A
V
Reserved
LVDL<3:0> = 0001
N/A
N/A
N/A
V
Reserved
LVDL<3:0> = 0010
1.99
2.26
2.53
V
LVDL<3:0> = 0011
2.16
2.45
2.75
V
LVDL<3:0> = 0100
2.25
2.55
2.86
V
LVDL<3:0> = 0101
2.43
2.77
3.10
V
LVDL<3:0> = 0110
2.53
2.87
3.21
V
LVDL<3:0> = 0111
2.70
3.07
3.43
V
LVDL<3:0> = 1000
2.96
3.36
3.77
V
LVDL<3:0> = 1001
3.14
3.57
4.00
V
LVDL<3:0> = 1010
3.23
3.67
4.11
V
LVDL<3:0> = 1011
3.41
3.87
4.34
V
LVDL<3:0> = 1100
3.58
4.07
4.56
V
LVDL<3:0> = 1101
3.76
4.28
4.79
V
LVDL<3:0> = 1110
4.04
4.60
5.15
V
D420C
VLVD
LVD Voltage on VDD Transition High-to-Low
Industrial (-10°C to +85°C)
PIC18F2X31/4X31 LVDL<3:0> = 1101
3.93
4.28
4.62
V
LVDL<3:0> = 1110
4.23
4.60
4.96
V
D420D
VLVD
LVD Voltage on VDD Transition High-to-Low
Industrial (-40°C to -10°C)
PIC18F2X31/4X31 LVDL<3:0> = 1101
3.76
4.28
4.79
V
Reserved
LVDL<3:0> = 1110
4.04
4.60
5.15
V
D420E
VLVD
LVD Voltage on VDD Transition High-to-Low
Extended (-10°C to +85°C)
PIC18F2X31/4X31 LVDL<3:0> = 1101
3.94
4.28
4.62
V
LVDL<3:0> = 1110
4.23
4.60
4.96
V
D420F
VLVD
LVD Voltage on VDD Transition High-to-Low
Extended (-40°C to -10°C, +85°C to +125°C)
PIC18F2X31/4X31 LVDL<3:0> = 1101
3.77
4.28
4.79
V
Reserved
LVDL<3:0> = 1110
4.05
4.60
5.15
V
TABLE 26-2:
LOW-VOLTAGE DETECT CHARACTERISTICS (CONTINUED)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
† Production tested at TAMB = 25°C. Specifications over temperature limits ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com