công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 346 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 346 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 342Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 343Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 344Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 345Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 346Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 347Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 348Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 349Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 346
 2010 Microchip Technology Inc.
26.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 26-5:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 26-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
40
MHz
EC, ECIO
Oscillator Frequency(1)
DC
4
MHz
RC osc
0.1
4
MHz
XT osc
4
25
MHz
HS osc
4
10
MHz
HS + PLL osc
5
200
kHz
LP Osc mode
1TOSC
External CLKI Period(1)
25
—
ns
EC, ECIO
Oscillator Period(1)
250
—
ns
RC osc
250
10,000
ns
XT osc
25
100
250
250
ns
ns
HS osc
HS + PLL osc
25
—
sLP osc
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT osc
2.5
—
sLP osc
10
—
ns
HS osc
4TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT osc
—
50
ns
LP osc
—7.5
ns
HS osc
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result
in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested
to operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com