công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 348 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 348 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 344Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 345Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 346Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 347Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 348Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 349Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 350Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 351Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 352Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 348
 2010 Microchip Technology Inc.
FIGURE 26-6:
CLKO AND I/O TIMING
TABLE 26-7:
CLKO AND I/O TIMING REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10
TosH2ckL OSC1
 to CLKO 
—
75
200
ns
(Note 1)
11
TosH2ckH OSC1
 to CLKO 
—
75
200
ns
(Note 1)
12
TckR
CLKO Rise Time
—
35
100
ns
(Note 1)
13
TckF
CLKO Fall Time
—
35
100
ns
(Note 1)
14
TckL2ioV CLKO
 to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH Port In Valid before CLKO
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI
Port In Hold after CLKO
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
 (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
 (Q2 cycle) to
Port Input Invalid
(I/O in hold time)
PIC18FXX31
100
—
—
ns
18A
PIC18LFXX31
200
—
—
ns
19
TioV2osH Port Input Valid to OSC1
(I/O in setup
time)
0—
—
ns
20
TioR
Port Output Rise Time
PIC18FXX31
—
10
25
ns
20A
PIC18LFXX31
—
—
60
ns
21
TioF
Port Output Fall Time
PIC18FXX31
—
10
25
ns
21A
PIC18LFXX31
—
—
60
ns
22†
TINP
INTx Pin High or Low Time
TCY
——
ns
23†
TRBP
RB<7:4> Change INTx High or Low Time
TCY
——
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1:
Measurements are taken in RC mode, where CLKO output is 4 x TOSC.
OSC1
CLKO
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com