công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 241 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 241 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 237Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 238Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 239Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 240Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 241Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 242Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 243Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 244Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 241
PIC18F2331/2431/4331/4431
REGISTER 21-2:
ADCON1: A/D CONTROL REGISTER 1
R/W-0
R/W-0
U-0
R/W-0
R-0
R-0
R-0
R-0
VCFG1
VCFG0
—
FIFOEN
BFEMT
BFOVL
ADPNT1
ADPNT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
VCFG<1:0>:
A/D VREF+ and A/D VREF- Source Selection bits
00
=VREF+ = AVDD, VREF- = AVSS (AN2 and AN3 are analog inputs or digital I/O)
01
=VREF+ = External VREF+, VREF- = AVSS (AN2 is an analog input or digital I/O)
10
=VREF+ = AVDD, VREF- = External VREF- (AN3 is an analog input or digital I/O)
11
=VREF+ = External VREF-, VREF- = External VREF-
bit 5
Unimplemented:
Read as ‘0’
bit 4
FIFOEN
: FIFO Buffer Enable bit
1
= FIFO is enabled
0
= FIFO is disabled
bit 3
BFEMT
: Buffer Empty bit
1
= FIFO is empty
0
= FIFO is not empty (at least one of four locations has unread A/D result data)
bit 2
BFOVFL
: Buffer Overflow bit
1
= A/D result has overwritten a buffer location that has unread data
0
= A/D result has not overflowed
bit 1-0
ADPNT<1:0>
: Buffer Read Pointer Location bits
Designates the location to be read next.
00
= Buffer Address 0
01
= Buffer Address 1
10
= Buffer Address 2
11
= Buffer Address 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com