công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 245 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 245 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 241Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 242Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 243Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 244Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 245Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 246Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 247Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 248Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 245
PIC18F2331/2431/4331/4431
REGISTER 21-6:
ANSEL0: ANALOG SELECT REGISTER 0(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>:
Analog Input Function Select bits
Correspond to pins, AN<7:0>.
1
= Analog input
0
= Digital I/O
Note 1:
Setting a pin to an analog input disables the digital input buffer. The corresponding TRIS bit should be set
for an input and cleared for an output (analog or digital). The ANSx bits directly correspond to the ANx pins
(e.g., ANS0 = AN0, ANS1 = AN1, etc.). Unused ANSx bits are read as ‘0’.
2:
ANS7 through ANS5 are available only on PIC18F4331/4431 devices.
REGISTER 21-7:
ANSEL1: ANALOG SELECT REGISTER 1(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
—
—
—
—
—
—
—ANS8(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Unimplemented:
Read as ‘0’
bit 0
ANS8:
Analog Input Function Select bit(2)
1
= Analog input
0
= Digital I/O
Note 1:
Setting a pin to an analog input disables the digital input buffer. The corresponding TRIS bit should be set
for an input and cleared for an output (analog or digital). The ANSx bits directly correspond to the ANx pins
(e.g., ANS8 = AN8, ANS9 = AN9, etc.). Unused ANSx bits are read as ‘0’.
2:
ANS8 is available only on PIC18F4331/4431 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com