công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 246 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 246 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 242Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 243Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 244Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 245Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 246Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 247Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 248Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 249Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 246
 2010 Microchip Technology Inc.
The A/D channels are grouped into four sets of 2 or
3 channels. For the PIC18F2331/2431 devices, AN0
and AN4 are in Group A, AN1 is in Group B, AN2 is in
Group C and AN3 is in Group D. For the PIC18F4331/
4431 devices, AN0, AN4 and AN8 are in Group A, AN1
and AN5 are in Group B, AN2 and AN6 are in Group C
and AN3 and AN7 are in Group D. The selected chan-
nel in each group is selected by configuring the A/D
Channel Select Register, ADCHS.
The analog voltage reference is software selectable to
either the device’s positive and negative analog supply
voltage (AVDD and AVSS), or the voltage level on the
RA3/AN3/VREF+/CAP2/QEA
and
RA2/AN2/VREF-/
CAP1/INDX, or some combination of supply and
external sources. Register ADCON1 controls the
voltage reference settings.
The A/D Converter has a unique feature of being able
to operate while the device is in Sleep mode. To
operate in Sleep, the A/D conversion clock must be
derived from the A/D’s internal RC oscillator.
A device Reset forces all registers to their Reset state.
This forces the A/D module to be turned off and any
conversion in progress is aborted.
Each port pin associated with the A/D Converter can
individually be configured as an analog input or digital
I/O using the ANSEL0 and ANSEL1 registers. The
ADRESH and ADRESL registers contain the value in
the result buffer pointed to by ADPNT<1:0>
(ADCON1<1:0>). The result buffer is a 4-deep circular
buffer that has a Buffer Empty status bit, BFEMT
(ADCON1<3>), and a Buffer Overflow status bit,
BFOVFL (ADCON1<2>).
FIGURE 21-1:
A/D BLOCK DIAGRAM
ADRESH, ADRESL
VREF+
AVSS(2)
AVDD(2)
ADC
AN0
AN4
S/H-1
S/H-2
VREF-
Analog
MUX
Analog
MUX
AN8(1)
AN2/VREF-
AN6(1)
Seq.
Cntrl.
1
2
3
4
MUX
4x10-Bit FIFO
VCFG<1:0>
VREFL
VREFH
ACMOD<1:0>,
10
01
11
AVSS(2)
AVSS
00
10
ADPNT<1:0>
ACMOD<1:0>,
AN1
AN5(1)
AN3/VREF+
AN7(1)
ACONV
ACSCH
ACMODx
Note
1:
AN5 through AN8 are available only on PIC18F4331/4431 devices.
2:
I/O pins have diode protection to VDD and VSS.
GxSEL<1:0>
GxSEL<1:0>
S/H
+
-
S/H
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com