công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 239 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 239 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 235Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 236Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 237Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 238Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 239Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 240Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 241Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 242Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 239
PIC18F2331/2431/4331/4431
21.0
10-BIT HIGH-SPEED
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The high-speed Analog-to-Digital (A/D) Converter
module allows conversion of an analog signal to a
corresponding 10-bit digital number.
The A/D module supports up to 5 input channels on
PIC18F2331/2431 devices, and up to 9 channels on
the PIC18F4331/4431 devices.
This high-speed 10-bit A/D module offers the following
features:
• Up to 200K samples per second
• Two sample and hold inputs for dual-channel
simultaneous sampling
• Selectable Simultaneous or Sequential Sampling
modes
• 4-word data buffer for A/D results
• Selectable data acquisition timing
• Selectable A/D event trigger
• Operation in Sleep using internal oscillator
These features lend themselves to many applications
including motor control, sensor interfacing, data
acquisition and process control. In many cases, these
features will reduce the software overhead associated
with standard A/D modules.
The module has 9 registers:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
• A/D Control Register 3 (ADCON3)
• A/D Channel Select Register (ADCHS)
• Analog I/O Select Register 0 (ANSEL0)
• Analog I/O Select Register 1 (ANSEL1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com