công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 240 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 240 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 236Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 237Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 238Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 239Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 240Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 241Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 242Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 243Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 240
 2010 Microchip Technology Inc.
REGISTER 21-1:
ADCON0: A/D CONTROL REGISTER 0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
ACONV
ACSCH
ACMOD1
ACMOD0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
ACONV
: Auto-Conversion Continuous Loop or Single-Shot Mode Select bit
1
= Continuous Loop mode enabled
0
= Single-Shot mode enabled
bit 4
ACSCH
: Auto-Conversion Single or Multi-Channel Mode bit
1
= Multi-Channel mode enabled, Single Channel mode disabled
0
= Single Channel mode enabled, Multi-Channel mode disabled
bit 3-2
ACMOD<1:0>:
Auto-Conversion Mode Sequence Select bits
If ACSCH = 1:
00
= Sequential Mode 1 (SEQM1); two samples are taken in sequence:
1st sample: Group A(1)
2nd sample: Group B(1)
01
= Sequential Mode 2 (SEQM2); four samples are taken in sequence:
1st sample: Group A(1)
2nd sample: Group B(1)
3rd sample: Group C(1)
4th sample: Group D(1)
10
= Simultaneous Mode 1 (STNM1); two samples are taken simultaneously:
1st sample: Group A and Group B(1)
11
= Simultaneous Mode 2 (STNM2); two samples are taken simultaneously:
1st sample: Group A and Group B(1)
2nd sample: Group C and Group D(1)
If ACSCH = 0, Auto-Conversion Single Channel Sequence Mode Enabled:
00
= Single Channel Mode 1 (SCM1); Group A is taken and converted(1)
01
= Single Channel Mode 2 (SCM2); Group B is taken and converted(1)
10
= Single Channel Mode 3 (SCM3); Group C is taken and converted(1)
11
= Single Channel Mode 4 (SCM4); Group D is taken and converted(1)
bit 1
GO/DONE
: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts the A/D conversion cycle. If Auto-
Conversion Single-Shot mode is enabled (ACONV = 0), this bit is automatically cleared by
hardware when the A/D conversion (single or multi-channel depending on ACMOD settings) has
completed. If Auto-Conversion Continuous Loop mode is enabled (ACONV = 1), this bit remains
set after the user/trigger has set it (continuous conversions). It may be cleared manually by the user
to stop the conversions.
0
= A/D conversion or multiple conversions completed/not in progress
bit 0
ADON:
A/D On bit
1
= A/D Converter module is enabled (after brief power-up delay, starts continuous sampling)
0
= A/D Converter module is disabled
Note 1:
Groups A, B, C, and D refer to the ADCHS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com