công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 375 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 375 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 371Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 372Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 373Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 374Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 375Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 376Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 377Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 378Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 377
PIC16F/LF1825/1829
TABLE 30-10: COMPARATOR SPECIFICATIONS
TABLE 30-11: DIGITAL-TO-ANALOG CONVERTER (DAC) SPECIFICATIONS
TABLE 30-12: PIC16F/LF1825/1829 LOW DROPOUT (LDO) REGULATOR CHARACTERISTICS:
Operating Conditions: 1.8V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated).
Param
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
CM01
VIOFF
Input Offset Voltage
—
±7.5
±60
mV
CM02
VICM
Input Common Mode Voltage
0
—
VDD
V
CM03
CMRR
Common Mode Rejection Ratio
—
50
—
dB
CM04A
TRESP
Response Time Rising Edge
—
400
800
ns
High Power Mode
(NOTE 1)
CM04B
Response Time Falling Edge
—
200
400
ns
High Power Mode
(NOTE 1)
CM04C
Response Time Rising Edge
—
1200
—
ns
Low Power Mode
(NOTE 1)
CM04D
Response Time Falling Edge
—
550
—
ns
Low Power Mode
(NOTE 1)
CM04
TRESP
Response Time
—
150
400
ns
NOTE 1
CM05
TMC2OV
Comparator Mode Change to
Output Valid*
——
10
s
CM06
CHYSTER Comparator Hysteresis
—
65
—
mV
NOTE 2
* These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at VDD/2, while the other input transitions
from VSS to VDD.
2: Comparator Hysteresis is available when the CxHYS bit of the CMxCON0 register is enabled.
Operating Conditions: 1.8V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated).
Param
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
DAC01*
CLSB
Step Size(2)
—VDD/32
—
V
DAC02*
CACC
Absolute Accuracy
—
—
 1/2
LSb
DAC03*
CR
Unit Resistor Value (R)
—
TBD
—
DAC04*
CST
Settling Time(1)
——
10
s
*
These parameters are characterized but not tested.
Legend: TBD = To Be Determined
Note 1:
Settling time measured while DACR<4:0> transitions from ‘0000’ to ‘1111’.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
LD001
LDO Regulation Voltage
—
3.2
—
V
LD002
LDO External Capacitor
0.1
—
1
F
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com