công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 376 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 376 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 372Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 373Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 374Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 375Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 376Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 377Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 378Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 379Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 378
Preliminary
 2010 Microchip Technology Inc.
FIGURE 30-14:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 30-13: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 30-15:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 30-14: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US120 TCKH2DTV SYNC XMIT (Master and Slave)
Clock high to data-out valid
3.0-5.5V
—
80
ns
1.8-5.5V
—
100
ns
US121 TCKRF
Clock out rise time and fall time
(Master mode)
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
US122 TDTRF
Data-out rise time and fall time
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US125 TDTV2CKL SYNC RCV (Master and Slave)
Data-hold before CK
 (DT hold time)
10
—
ns
US126 TCKL2DTL Data-hold after CK
 (DT hold time)
15
—
ns
Note:
Refer to Figure 30-5 for load conditions.
US121
US121
US120
US122
CK
DT
Note: Refer to Figure 30-5 for load conditions.
US125
US126
CK
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com