công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 373 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 373 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 369Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 370Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 371Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 372Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 373Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 374Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 375Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 376Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 375
PIC16F/LF1825/1829
TABLE 30-8:
PIC16F/LF1825/1829 A/D CONVERTER (ADC) CHARACTERISTICS:
TABLE 30-9:
PIC16F/LF1825/1829 A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
AD01
NR
Resolution
—
—
10
bit
AD02
EIL
Integral Error
—
—
±1.7
LSb VREF = 3.0V
AD03
EDL
Differential Error
—
—
±1
LSb No missing codes
VREF = 3.0V
AD04
EOFF Offset Error
—
—
±2
LSb VREF = 3.0V
AD05
EGN
Gain Error
—
—
±1.5
LSb VREF = 3.0V
AD06
VREF Reference Voltage(3)
1.8
—
VDD
VVREF = (VREF+ minus VREF-) (NOTE 5)
AD07
VAIN
Full-Scale Range
VSS
—VREF
V
AD08
ZAIN
Recommended Impedance of
Analog Voltage Source
——
10
k
 Can go higher if external 0.01
F capacitor is
present on input pin.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: Total Absolute Error includes integral, differential, offset and gain errors.
2: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
3: ADC VREF is from external VREF, VDD pin or FVR, whichever is selected as reference input.
4: When ADC is off, it will not consume any current other than leakage current. The power-down current specification
includes any such leakage from the ADC module.
5: FVR voltage selected must be 2.048V or 4.096V.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
AD130* TAD
A/D Clock Period
1.0
—
9.0
sTOSC-based
A/D Internal RC Oscillator
Period
1.0
1.6
6.0
s
ADCS<1:0> = 11 (ADRC mode)
AD131
TCNV
Conversion Time (not including
Acquisition Time)(1)
—11
—
TAD
Set GO/DONE bit to conversion
complete
AD132* TACQ
Acquisition Time
—
5.0
—
s
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: The ADRES register may be read on the following TCY cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com