công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 371 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 371 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 367Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 368Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 369Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 370Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 371Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 372Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 373Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 374Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 373
PIC16F/LF1825/1829
TABLE 30-5:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET PARAMETERS
FIGURE 30-10:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ† Max. Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
5
—
—
—
—
s
s
VDD = 3.3-5V, -40°C to +85°C
VDD = 3.3-5V
31
TWDTLP Low-Power Watchdog Timer
Time-out Period
10
16
27
ms
VDD = 3.3V-5V,
1:16 Prescaler used
32
TOST
Oscillator Start-up Timer Period(1), (2)
—
1024
—
Tosc (Note 3)
33*
TPWRT
Power-up Timer Period, PWRTE = 0
40
65
140
ms
34*
TIOZ
I/O high-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage
2.38
1.80
2.5
1.9
2.65
2.05
VBORV=2.5V
BORV=1.9V
36*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
-40°C to +85°C
37*
TBORDC Brown-out Reset DC Response
Time
135
sVDD  VBOR
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min” values with an external
clock applied to the OSC1 pin. When an external clock input is used, the “max” cycle time limit is “DC” (no
clock) for all devices.
2: By design.
3: Period of the slower clock.
4: To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
T0CKI
T1CKI
40
41
42
45
46
47
49
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com