công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 367 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 367 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 363Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 364Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 365Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 366Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 367Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 368Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 369Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 370Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 369
PIC16F/LF1825/1829
TABLE 30-2:
OSCILLATOR PARAMETERS
TABLE 30-3:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.7V TO 5.5V)
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param
No.
Sym.
Characteristic
Freq.
Tolerance
Min.
Typ†
Max.
Units
Conditions
OS08
HFOSC
Internal Calibrated HFINTOSC
Frequency(2)
2%
—
16.0
—
MHz
0°C
 TA  +60°C, VDD  2.5V
3%
—
16.0
—
MHz
60°C
 TA  +85°C, VDD 2.5V
5%
—
16.0
—
MHz
-40°C
 TA  +125°C
OS08A MFOSC
Internal Calibrated MFINTOSC
Frequency(2)
2%
—
500
—
kHz
0°C
 TA  +60°C, VDD  2.5V
3%
—
500
—
kHz
60°C
 TA  +85°C, VDD
2.5V
5%
—
500
—
kHz
-40°C
 TA  +125°C
OS09
LFOSC
Internal LFINTOSC Frequency
—
—
31
—
kHz
-40°C
 TA  +125°C
OS10*
TIOSC ST HFINTOSC
Wake-up from Sleep Start-up Time
MFINTOSC
Wake-up from Sleep Start-up Time
—
—
—
—
5
20
8
30
s
s
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing
code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current
consumption. All devices are tested to operate at “min” values with an external clock applied to the OSC1 pin. When an
external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
3: By design.
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
8
MHz
F11
FSYS
On-Chip VCO System Frequency
16
—
32
MHz
F12
TRC
PLL Start-up Time (Lock Time)
—
—
2
ms
F13*
CLK CLKOUT Stability (Jitter)
-0.25%
—
+0.25%
%
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com