công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 364 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 364 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 360Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 361Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 362Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 363Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 364Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 365Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 366Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 367Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 366
Preliminary
 2010 Microchip Technology Inc.
30.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to Ambient
TBD
C/W
8-pin PDIP package
TBD
C/W
8-pin SOIC package
TBD
C/W
8-pin DFN 3X3mm package
TBD
C/W
14-pin PDIP package
TBD
C/W
14-pin SOIC package
TBD
C/W
14-pin TSSOP 4x4mm package
TBD
C/W
16-pin QFN 4X4mm package
TH02
JC
Thermal Resistance Junction to Case
TBD
C/W
8-pin PDIP package
TBD
C/W
8-pin SOIC package
TBD
C/W
8-pin DFN 3X3mm package
TBD
C/W
14-pin PDIP package
TBD
C/W
14-pin SOIC package
TBD
C/W
14-pin TSSOP 4x4mm package
TBD
C/W
16-pin QFN 4X4mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/
JA(2)
Legend:
TBD = To Be Determined
Note 1: IDD is current to run the chip alone without driving any load on the output pins.
2: TA = Ambient Temperature
3: TJ = Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com