công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 362 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 362 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 358Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 359Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 360Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 361Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 362Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 363Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 364Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 365Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 364
Preliminary
 2010 Microchip Technology Inc.
30.4
DC Characteristics: PIC16F/LF1825/1829-I/E
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
—
—
0.8
V
4.5V
 VDD  5.5V
D030A
—
—
0.15 VDD
V1.8V
 VDD  4.5V
D031
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
 VDD  5.5V
with I2C™ levels
—
—
0.3 VDD
V
with SMBus levels
—
—
0.8
V
2.7V
 VDD  5.5V
D032
MCLR, OSC1 (RC mode)(1)
——
0.2 VDD
V
D033
OSC1 (HS mode)
—
—
0.3 VDD
V
VIH
Input High Voltage
I/O ports:
—
—
D040
with TTL buffer
2.0
—
—
V
4.5V
 VDD 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
 VDD  5.5V
with I2C™ levels
0.7 VDD
——
V
with SMBus levels
2.1
—
—
V
2.7V
 VDD  5.5V
D042
MCLR
0.8 VDD
——
V
D043A
OSC1 (HS mode)
0.7 VDD
——
V
D043B
OSC1 (RC mode)
0.9 VDD
——
V
(Note 1)
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 5
± 5
± 125
± 1000
nA
nA
VSS
 VPIN  VDD, Pin at high-
impedance at 85°C
125°C
D061
MCLR(3)
—± 50
± 200
nA
VSS
 VPIN  VDD at 85°C
IPUR
Weak Pull-up Current
D070*
25
25
100
140
200
300
A
VDD = 3.3V, VPIN = VSS
VDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(4)
D080
I/O ports
——
0.6
V
IOL = 8mA, VDD = 5V
IOL = 6mA, VDD = 3.3V
IOL = 1.8mA, VDD = 1.8V
VOH
Output High Voltage(4)
D090
I/O ports
VDD - 0.7
—
—
V
IOH = 3.5mA, VDD = 5V
IOH = 3mA, VDD = 3.3V
IOH = 1mA, VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101*
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101A* CIO
All I/O pins
—
—
50
pF
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2: Negative current is defined as current sourced by the pin.
3: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com