công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R2A20118ASP bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện R2A20118ASP
Giải thích chi tiết về linh kiện  Critical Conduction Mode Interleaved PFC Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R2A20118ASP
Preliminary
R03DS0002EJ0100 Rev.1.00
Page 6 of 9
Jul 14, 2010
Electrical Characteristics (cont.)
(Ta = 25°C, VCC = 12 V, RT = 33 k
, BO = 5 V, OCP = TL = OVP2 = GND, CRAMP = 820 pF, FB = COMP,
RAMP-GAIN = OPEN)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Phase delay
Phase
160
180
200
deg
*
1, *2
Slave
control
On time ratio
Ton-ratio
0
—
5
%
*
1, *2
Master gate drive rise time
tr-gdm
—
20
100
ns
CL = 100 pF
tr
90%
10%
Slave gate drive rise time
tr-gds
—
20
100
ns
CL = 100 pF
tr
90%
10%
Master gate drive fall time
tf-gdm
—
5
30
ns
CL = 100 pF
tf
90%
10%
Slave gate drive fall time
tf-gds
—
5
30
ns
CL = 100 pF
tf
90%
10%
Vol1-gdm
—
0.02
0.1
V
Isink = 2 mA
Master gate drive low voltage
Vol2-gdm
—
0.01
0.2
V
Isink = 1 mA, VCC = 5 V
Master gate drive high voltage
Voh-gdm
11.5
11.9
—
V
Isource = –2 mA *
1
Vol1-gds
—
0.02
0.1
V
Isink = 2 mA
Slave gate drive low voltage
Vol2-gds
—
0.01
0.2
V
Isink = 1 mA, VCC = 5 V
Gate drive
Slave gate drive high voltage
Voh-gds
11.5
11.9
—
V
Isource = –2 mA *
1
Over
current
protection
OCP threshold voltage
Vocp
0.27
0.30
0.33
V
Dynamic OVP threshold voltage
Vdovp
VFB
1.035
VFB
1.050
VFB
1.065
V
COMP = 2.5 V
Static OVP threshold voltage
Vsovp1
VFB
1.075
VFB
1.090
VFB
1.105
V
COMP = 2.5 V
Static OVP hysteresis
Hys-sovp1
50
100
150
mV
COMP = 2.5 V
FB Low detect threshold
voltage
Vfblow
0.45
0.50
0.55
V
COMP = 2.5 V
FB Low detect hysteresis
Hysfblow
0.16
0.20
0.24
V
COMP = 2.5 V
OVP2 threshold voltage
Vovp2
2.670
2.725
2.780
V
Measured pin: OVP2
Over
voltage
protection
OVP2 pin input bias current
Iovp2
–0.5
–0.3
–0.1
A
Measured pin: OVP2
OVP2 = 3 V *
1
Notes: *1 Design spec.
*2
Tperiod (25
μs)
Tdelay
Ton-s
GD-M
GD-S
Ton-m (17
μs)
Phase =
× 360 [deg]
Tdelay
Tperiod
Ton-ratio =
× 100 [%]
Ton-s
Ton-m
1 –



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com