công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IPWR bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IPWR
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWR bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button ADS8331IPWR Datasheet HTML 23Page - Texas Instruments ADS8331IPWR Datasheet HTML 24Page - Texas Instruments ADS8331IPWR Datasheet HTML 25Page - Texas Instruments ADS8331IPWR Datasheet HTML 26Page - Texas Instruments ADS8331IPWR Datasheet HTML 27Page - Texas Instruments ADS8331IPWR Datasheet HTML 28Page - Texas Instruments ADS8331IPWR Datasheet HTML 29Page - Texas Instruments ADS8331IPWR Datasheet HTML 30Page - Texas Instruments ADS8331IPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
DIGITAL INTERFACE
The serial interface is designed to accommodate the latest high-speed processors with an SCLK frequency of up
to 40MHz (VA = VBD = 5.0V). Each cycle starts with the falling edge of FS/CS. The internal data register
content, which is made available to the output register at the end of conversion, is presented on the SDO output
pin on the falling edge of FS/CS. The first bit is the most significant bit (MSB). The output data bits are valid on
the falling edge of SCLK with the tD2 delay (see the Timing Characteristics)so that the host processor can read
the data on the falling edge. Serial data input is also read on the falling edge of SCLK.
The complete serial I/O cycle starts after the falling edge of FS/CS and ends 16 falling edges of SCLK later (see
NOTE). The serial interface works with CPOL = '1', CPHA = '0'. This setting means the falling edge of FS/CS
may fall while SCLK is high. The same timing relaxation applies to the rising edge of FS/CS where SCLK may be
high or low as long as the last SCLK falling edge happens before the rising edge of FS/CS.
NOTE
There are cases where a cycle can be anywhere from 4 SCLKs up to 24 SCLKs,
depending on the read mode combination. See Table 4 for details.
Internal Register
The internal register consists of two parts: four bits for the Command register (CMR) and 12 bits for the
Configuration register (CFR).
Table 4. Command Set Defined by Command Register (CMR)(1)
WAKE UP
MINIMUM
FROM
SCLKs
D[15:12]
HEX
COMMAND
D[11:0]
AUTO-NAP
REQUIRED
R/W
0000b
0h
Select analog input channel 0
Don't care
Y
4
W
0001b
1h
Select analog input channel 1
Don't care
Y
4
W
0010b
2h
Select analog input channel 2
Don't care
Y
4
W
0011b
3h
Select analog input channel 3
Don't care
Y
4
W
0100b
4h
Select analog input channel 4(2)
Don't care
Y
4
W
0101b
5h
Select analog input channel 5(2)
Don't care
Y
4
W
0110b
6h
Select analog input channel 6(2)
Don't care
Y
4
W
0111b
7h
Select analog input channel 7(2)
Don't care
Y
4
W
1000b
8h
Reserved
Reserved
—
—
—
1001b
9h
Reserved
Reserved
—
—
—
1010b
Ah
Reserved
Reserved
—
—
—
1011b
Bh
Wake up
Don't care
Y
4
W
1100b
Ch
Read CFR
Don't care
—
16
R
1101b
Dh
Read data
Don't care
—
16
R
1110b
Eh
Write CFR
CFR Value
—
16
W
Default mode
1111b
Fh
Don't care
Y
4
W
(load CFR with default value)
(1)
The first four bits from SDO after the falling edge of FS/CS are the four MSBs from the previous conversion result. The next 12 bits from
SDO are the contents of the CFR.
(2)
These commands apply only to the ADS8332; they are reserved (not availble) for the ADS8331.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com