công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IPWR bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IPWR
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWR bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button ADS8331IPWR Datasheet HTML 30Page - Texas Instruments ADS8331IPWR Datasheet HTML 31Page - Texas Instruments ADS8331IPWR Datasheet HTML 32Page - Texas Instruments ADS8331IPWR Datasheet HTML 33Page - Texas Instruments ADS8331IPWR Datasheet HTML 34Page - Texas Instruments ADS8331IPWR Datasheet HTML 35Page - Texas Instruments ADS8331IPWR Datasheet HTML 36Page - Texas Instruments ADS8331IPWR Datasheet HTML 37Page - Texas Instruments ADS8331IPWR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Host
Processor
FS/CS
SDO
SDI
SCLK
CONVST
EOC/INT
4.7 F
m
VA
REF+
AGND
Analog+5V
ADS8331/32
REF-
22mF
External
Reference
Input
AGND
IN
X COM
Interface
Supply
+1.8V
DGND
VBD
AnalogInput
AGND
MUXOUT ADCIN
4.7 F
m
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
APPLICATION INFORMATION
TYPICAL CONFIGURATION EXAMPLE
Figure 51 illustrates a typical circuit configuration using the ADS8331/32.
Figure 51. Typical Circuit Configuration
POWER-ON SEQUENCE TIMING
During power-on of the ADS8331/32, the digital interface supply voltage (VBD) should not exceed the analog
supply voltage (VA). This condition is specified in the Power-Supply Requirements section of the Electrical
Characteristics tables. If the analog and digital interface supplies for the converter are not generated by a single
voltage source, it is recommended to power-on the analog supply and wait for it to reach its final value before the
digital interface supply is activated. Furthermore, the voltages applied to the analog input pins (INX, ADCIN) and
digital input pins (RESET, FS/CS, SCLK, SDI, and CONVST) should not exceed the voltages on VA and VBD,
respectively, during the power-on sequence. This requirement prevents these input pins from powering the
ADS8331/32 through the ESD protection diodes/circuitry and causing a latch-up condition (see the Electrical
Characteristic tables and Figure 34 for further details).
Communication with the ADS8331/32, such as initiating a conversion with CONVST or writing to the
Configuration register, should not occur for a minimum of 2
μs after the analog and digital interface supplies have
finished the power-on sequence and reached the respective final values in the system. This time is required for
the internal POR to activate and place the digital core of the device into the default mode of operation. This
minimum delay time must also be adhered to whenever a reset condition occurs (see the Reset Function section
for additional information).
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com