| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS8331IPWR bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS8331IPWR bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 43 page ![]() Logic Delay <=8.3ns ADS8331/32#3 Q D CLK Logic Delay <= . ns Q D CLK Logic Delay <=8.3ns Q D CLK SCLKinput SDO SDO SDO CDI CDI CDI Serialdata input Serialdata output Logic Delay PlusPAD 2.7ns Logic Delay PlusPAD 2.7ns Logic Delay PlusPAD 8.3ns Logic Delay PlusPAD 8.3ns Logic Delay PlusPAD 2.7ns Logic Delay PlusPAD 8.3ns ADS8331/32#2 ADS8331/32#1 ADS8331 ADS8332 www.ti.com SBAS363 – DECEMBER 2009 SCLK skew between converters and data path delay through the converters configured in daisy-chain mode can affect the maximum frequency of SCLK. The delay can also be affected by supply voltage and loading. It may be necessary to slow down the SCLK when the devices are configured in daisy-chain mode. Typical delays are shown in Figure 50. Figure 50. Typical Delays Through Converters Configured in Daisy-Chain Mode RESET FUNCTION The ADS8331/32 can be reset with three different methods: internal POR, software reset, and external reset using the RESET pin. The internal POR circuit is activated when power is initially applied to the converter. This internal circuit eliminates the need for commands to be sent to the converter after power-on in order to set the default mode of operation (see the Power-On Sequence Timing section for further details). Software reset can be used to place the converter in the default mode by setting the CFR_D0 bit to '0' in the Configuration register (see Table 5). This bit is automatically returned to '1' (default) after the converter is reset. This reset method is useful in systems that cannot dedicate a separate control signal to the RESET pin. In these situations, the RESET pin must be connected to VBD in order for the ADS8331/32 to operate properly. If communication in the system becomes corrupted and a software reset cannot be issued, the RESET pin can be used to reset the device manually. In order to reset the device and return the device to default mode, this pin must held low for a minimum of 25ns. After the ADS8331/32 detects a reset condition, the minimum time before the device can be reconfigured by FS/CS going low and data clocking in on SDI is 2 μs. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Link(s): ADS8331 ADS8332 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |