công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56F803 bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56F803
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
General Characteristics
56F803 Technical Data, Rev. 16
Freescale Semiconductor
19
Notes:
1.
Theta-JA determined on 2s2p test boards is frequently lower than would be observed in an application.
Determined on 2s2p thermal test board.
2.
Junction to ambient thermal resistance, Theta-JA (RθJA) was simulated to be equivalent to the JEDEC
specification JESD51-2 in a horizontal configuration in natural convection. Theta-JA was also simulated on
a thermal test board with two internal planes (2s2p where “s” is the number of signal layers and “p” is the
number of planes) per JESD51-6 and JESD51-7. The correct name for Theta-JA for forced convection or with
the non-single layer boards is Theta-JMA.
3.
Junction to case thermal resistance, Theta-JC (RθJC ), was simulated to be equivalent to the measured values
using the cold plate technique with the cold plate temperature used as the “case” temperature. The basic cold
plate measurement technique is described by MIL-STD 883D, Method 1012.1. This is the correct thermal
metric to use to calculate thermal performance when the package is being used with a heat sink.
Voltage difference VSS to VSSA
ΔV
SS
-0.1
-
0.1
V
ADC reference voltage
VREF
2.7
–
VDDA
V
Ambient operating temperature
TA
–40
–
85
°C
Table 3-3 Thermal Characteristics6
Characteristic
Comments
Symbol
Value
Unit
Notes
100-pin LQFP
Junction to ambient
Natural convection
RθJA
41.7
°C/W
2
Junction to ambient (@1m/sec)
RθJMA
37.2
°C/W
2
Junction to ambient
Natural convection
Four layer board (2s2p)
RθJMA
(2s2p)
34.2
°C/W
1,2
Junction to ambient (@1m/sec)
Four layer board (2s2p)
RθJMA
32
°C/W
1,2
Junction to case
RθJC
10.2
°C/W
3
Junction to center of case
Ψ
JT
0.8
°C/W
4, 5
I/O pin power dissipation
P I/O
User Determined
W
Power dissipation
P D
P D = (IDD x VDD + P I/O)W
Junction to center of case
PDMAX
(TJ - TA) /R
θJA
W7
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com