công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56F803 bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56F803
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
56F803 Technical Data, Rev. 16
18
Freescale Semiconductor
Absolute maximum ratings given in Table 3-1 are stress ratings only, and functional operation at the
maximum is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent
damage to the device.
The 56F803 DC/AC electrical specifications are preliminary and are from design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications have been
completed.
CAUTION
This device contains protective circuitry to guard against damage due
to high static voltage or electrical fields. However, normal precautions
are advised to avoid application of any voltages higher than maximum
rated voltages to this high-impedance circuit. Reliability of operation is
enhanced if unused inputs are tied to an appropriate voltage level.
Table 3-1 Absolute Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Supply voltage
VDD
VSS – 0.3
VSS + 4.0
V
All other input voltages, excluding Analog inputs
VIN
VSS – 0.3
VSS + 5.5V
V
Voltage difference VDD to VDDA
ΔV
DD
- 0.3
0.3
V
Voltage difference VSS to VSSA
ΔV
SS
- 0.3
0.3
V
Analog inputs ANA0-7 and VREF
VIN
VSSA– 0.3
VDDA+ 0.3
V
Analog inputs EXTAL and XTAL
VIN
VSSA– 0.3
VSSA+ 3.0
V
Current drain per pin excluding VDD, VSS, PWM outputs, TCS,
VPP, VDDA, VSSA
I—
10
mA
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply voltage, digital
VDD
3.0
3.3
3.6
V
Supply Voltage, analog
VDDA
3.0
3.3
3.6
V
Voltage difference VDD to VDDA
ΔV
DD
-0.1
-
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com