công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56F803 bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56F803
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
56F803 Technical Data, Rev. 16
12
Freescale Semiconductor
2.5 Interrupt and Program Control Signals
Table 2-7 Data Bus Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
16
D0–D15
Input/O
utput
Tri-stated
Data Bus— D0–D15 specify the data for external Program or Data
memory accesses. D0–D15 are tri-stated when the external bus is
inactive. Internal pull-ups may be active.
Table 2-8 Bus Control Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
PS
Output
Tri-stated
Program Memory Select—PS is asserted low for external Program memory
access.
1
DS
Output
Tri-stated
Data Memory Select—DS is asserted low for external Data memory access.
1
WR
Output
Tri-stated
Write Enable—WR is asserted during external memory write cycles. When
WR is asserted low, pins D0–D15 become outputs and the device puts data
on the bus. When WR is deasserted high, the external data is latched inside
the external device. When WR is asserted, it qualifies the A0–A15, PS, and
DS pins. WR can be connected directly to the WE pin of a Static RAM.
1
RD
Output
Tri-stated
Read Enable—RD is asserted during external memory read cycles. When
RD is asserted low, pins D0–D15 become inputs and an external device is
enabled onto the device data bus. When RD is deasserted high, the external
data is latched inside the controller. When RD is asserted, it qualifies the
A0–A15, PS, and DS pins. RD can be connected directly to the OE pin of a
Static RAM or ROM.
Table 2-9 Interrupt and Program Control Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
IRQA
Input
(Schmitt)
Input
External Interrupt Request A—The IRQA input is a synchronized
external interrupt request indicating an external device is requesting
service. It can be programmed to be level-sensitive or
negative-edge- triggered.
1
IRQB
Input
(Schmitt)
Input
External Interrupt Request B—The IRQB input is an external
interrupt request indicating an external device is requesting service.
It can be programmed to be level-sensitive or
negative-edge-triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com