công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8734 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8734
Giải thích chi tiết về linh kiện  Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8734 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button DAC8734 Datasheet HTML 17Page - Texas Instruments DAC8734 Datasheet HTML 18Page - Texas Instruments DAC8734 Datasheet HTML 19Page - Texas Instruments DAC8734 Datasheet HTML 20Page - Texas Instruments DAC8734 Datasheet HTML 21Page - Texas Instruments DAC8734 Datasheet HTML 22Page - Texas Instruments DAC8734 Datasheet HTML 23Page - Texas Instruments DAC8734 Datasheet HTML 24Page - Texas Instruments DAC8734 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
UPDATING THE DAC OUTPUTS
Individual DAC Channel Update
Simultaneous Update of Multiple DAC Channels
HARDWARE RESET
POWER-ON RESET
DAC8734
www.ti.com .................................................................................................................................................. SBAS465A – MAY 2009 – REVISED SEPTEMBER 2009
The DAC8734 has a double-buffered interface that consists of two register banks for every channel: the input
register and the DAC latch. The digital code is transferred from the SPI shift register to the addressed channel
input register upon completion of a valid write sequence. The DAC latch contains the digital code used by the
resistor R-2R ladder. The contents of the DAC latch define the output from the DAC. The DAC outputs can be
updated individually or simultaneously. The DAC8734 updates the DAC latch only if it has been accessed since
the last time the LDAC pin was brought low or the LD bit in the Command Register was set to '1', thereby
eliminating any unnecessary glitch. The DAC channels that were not accessed are not reloaded, and the output
values remain unchanged.
In this mode, the LDAC pin is held low while the CS pin is low and the data are clocked into the SPI shift register.
At the end of the data transfer into the shift register, the CS pin is brought high. This action updates both the
addressed input data register and the corresponding DAC latch register. The DAC latch register controls the
R-2R switches; thus, an update on the DAC latch register updates the corresponding DAC channel analog
output.
In this mode, the LDAC pin is held high while the CS pin is low and data are clocked into the SPI shift register. At
the end of the data transfer into the shift register, the CS pin is brought high. This action updates only the
addressed input data register; it does not update the DAC latch register or change the output. The DAC latch and
the analog output are updated only when the LDAC pin goes low, or when the LD bit in the Command Register is
set to '1' at anytime after the input data register is written.
When the RST pin is low, the device is in hardware reset. All the analog outputs (VOUT-0 to VOUT-3), the input
registers, and the DAC latches are set to the reset values shown in Table 1. All registers are loaded with default
values. Communication is disabled, and the signals on the SDI, CS, and SCLK pins are ignored. On the rising
edge of the RST pin, the analog outputs (VOUT-0 to VOUT-3) maintain the reset value (0V) until a new value is
programmed. After the RST pin goes high, the device returns to normal operation. Note that the default values of
the gain bits in the Command Register are '1' after a reset. For gain = 2, the gain bits must be cleared to '0'.
Table 1. Reset Values
VALUE OF INPUT REGISTER
UNI/BIP PIN
OUTPUT MODE
INPUT FORMAT
AND DAC LATCH
VOUT
DGND
Bipolar
Twos Complement
0000h
0V
IOVDD
Unipolar
Straight Binary
0000h
0V
Setting the RST bit in the Command Register to '1' performs a software reset, which is functionally the same as a
hardware reset. After reset completes, the RST bit returns to '0' automatically.
On power-on, the input data registers and DAC latches are loaded with the value defined by the UNI/BIP pins
(see Table 1). All other registers are loaded with default values. After power-on, the outputs of the VOUT pins are
set to 0V.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC8734



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com