| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F04KA201 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 224 page ![]() PIC24F04KA201 FAMILY DS39937B-page 12 Preliminary © 2009 Microchip Technology Inc. HLVDIN 6 15 12 I ANA HLVD Voltage Input MCLR 1 1 18 I ST Master Clear (device Reset) Input OC1 10 14 11 O — Output Compare/PWM Outputs OCFA 11 17 14 I — Output Compare Fault A OSCI 4 7 4 I ANA Main Oscillator Input Connection OSCO 5 8 5 O ANA Main Oscillator Output Connection PGC2 2 2 19 I/O ST In-Circuit Debugger and ICSP Programming Clock PGD2 3 3 20 I/O ST In-Circuit Debugger and ICSP Programming Data PGC3 7 10 7 I/O ST In-Circuit Debugger and ICSP Programming Clock PGD3 6 9 6 I/O ST In-Circuit Debugger and ICSP Programming Data RA0 2 2 19 I/O ST PORTA Digital I/O RA1 3 3 20 I/O ST RA2 4 7 4 I/O ST RA3 5 8 5 I/O ST RA4 7 10 7 I/O ST RA5 1 1 18 I/O ST RA6 10 14 11 I/O ST RB0 — 4 1 I/O ST PORTB Digital I/O RB1 — 5 2 I/O ST RB2 — 6 3 I/O ST RB4 6 9 6 I/O ST RB8 8 12 9 I/O ST RB9 9 13 10 I/O ST RB12 — 15 12 I/O ST RB13 — 16 13 I/O ST RB14 11 17 14 I/O ST RB15 12 18 15 I/O ST REFO 12 18 15 O — Reference Clock Output SCK1 8 15 12 I/O ST SPI1 Serial Clock Input/Output SCL1 8 12 9 I/O I2C I2C1 Synchronous Serial Clock Input/Output SDA1 9 13 10 I/O I2C I2C1 Data Input/Output SDI1 11 17 14 I ST SPI1 Serial Data Input SDO1 9 16 13 O — SPI1 Serial Data Output SOSCI 6 9 6 I ANA Secondary Oscillator Input SOSCO 7 10 7 O ANA Secondary Oscillator Output SS1 12 18 15 I/O ST Slave Select Input/Frame Select Output (SPI1) T1CK 7 10 7 I ST Timer1 Clock T2CK 12 18 15 I ST Timer2 Clock T3CK 12 18 15 I ST Timer3 Clock U1CTS 8 12 9 I ST UART1 Clear to Send Input U1RTS 9 13 10 O — UART1 Request to Send Output U1RX 12 6 3 I ST UART1 Receive U1TX 11 11 8 O — UART1 Transmit Output TABLE 1-2: PIC24F04KA201 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 14-Pin PDIP/TSSOP/ SOIC 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN Legend: ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer |