| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F04KA201 bảng dữ liệu(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 bảng dữ liệu(HTML) 50 Page - Microchip Technology |
|
50 / 224 page ![]() PIC24F04KA201 FAMILY DS39937B-page 48 Preliminary © 2009 Microchip Technology Inc. EXAMPLE 5-3: LOADING THE WRITE BUFFERS – ASSEMBLY LANGUAGE CODE EXAMPLE 5-4: LOADING THE WRITE BUFFERS – ‘C’ LANGUAGE CODE ; Set up NVMCON for row programming operations MOV #0x4004, W0 ; MOV W0, NVMCON ; Initialize NVMCON ; Set up a pointer to the first program memory location to be written ; program memory selected, and writes enabled MOV #0x0000, W0 ; MOV W0, TBLPAG ; Initialize PM Page Boundary SFR MOV #0x6000, W0 ; An example program memory address ; Perform the TBLWT instructions to write the latches ; 0th_program_word MOV #LOW_WORD_0, W2 ; MOV #HIGH_BYTE_0, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 1st_program_word MOV #LOW_WORD_1, W2 ; MOV #HIGH_BYTE_1, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 2nd_program_word MOV #LOW_WORD_2, W2 ; MOV #HIGH_BYTE_2, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch • • • ; 32nd_program_word MOV #LOW_WORD_31, W2 ; MOV #HIGH_BYTE_31, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0] ; Write PM high byte into program latch // C example using MPLAB C30 #define NUM_INSTRUCTION_PER_ROW 64 int __attribute__ ((space(auto_psv))) progAddr = &progAddr; // Variable located in Pgm Memory unsigned int offset; unsigned int i; unsigned int progData[2*NUM_INSTRUCTION_PER_ROW]; // Buffer of data to write //Set up NVMCON for row programming NVMCON = 0x4001; // Initialize NVMCON //Set up pointer to the first memory location to be written TBLPAG = __builtin_tblpage(&progAddr); // Initialize PM Page Boundary SFR offset = &progAddr & 0xFFFF; // Initialize lower word of address //Perform TBLWT instructions to write necessary number of latches for(i=0; i < 2*NUM_INSTRUCTION_PER_ROW; i++) { __builtin_tblwtl(offset, progData[i++]); // Write to address low word __builtin_tblwth(offset, progData[i]); // Write to upper byte offset = offset + 2; // Increment address } |