| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F04KA201 bảng dữ liệu(PDF) 207 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 bảng dữ liệu(HTML) 207 Page - Microchip Technology |
|
207 / 224 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39937B-page 205 PIC24F04KA201 FAMILY 27.0 PACKAGING INFORMATION 27.1 Package Marking Information Legend: XX...X Product-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead PDIP XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example PIC24F04KA200 0910017 14-Lead TSSOP XXXXXXXX YYWW NNN Example 24F4KA 0910 017 -I/P 3 e 3 e 20-Lead PDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example PIC24F04KA201-I/P 0910017 3 e |