| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-I/ML bảng dữ liệu(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-I/ML bảng dữ liệu(HTML) 87 Page - Microchip Technology |
|
87 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 87 PIC16F72X/PIC16LF72X 6.6.1 RE0/AN5(1) Figure 6-22 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC 6.6.2 RE1/AN6(1) Figure 6-22 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC 6.6.3 RE2/AN7(1) Figure 6-22 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC 6.6.4 RE3/MCLR/VPP Figure 6-23 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up • a programming voltage reference input Note 1: RE0/AN5 is available on PIC16F724/LF724 and PIC16F727/LF727 only. Note 1: RE1/AN6 is available on PIC16F724/LF724 and PIC16F727/LF727 only. Note 1: RE2/AN7 is available on PIC16F724/LF724 and PIC16F727/LF727 only. |