| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-I/ML bảng dữ liệu(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-I/ML bảng dữ liệu(HTML) 36 Page - Microchip Technology |
|
36 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 36 © 2009 Microchip Technology Inc. 3.4.2 WDT CONTROL The WDTE bit is located in the Configuration Word Register 1. When set, the WDT runs continuously. The PSA and PS<2:0> bits of the OPTION register control the WDT period. See Section 11.0 “Timer0 Module” for more information. FIGURE 3-1: WATCHDOG TIMER BLOCK DIAGRAM From TMR0 Postscaler 8 PS<2:0> PSA TO TMR0 1 1 0 0 Clock Source To T1G Divide by 512 WDTE TMR1GE T1GSS = 11 WDTE WDT Reset Low-Power WDT OSC TABLE 3-1: WDT STATUS Conditions WDT WDTE = 0 Cleared CLRWDT Command Exit Sleep + System Clock = T1OSC, EXTRC, INTOSC, EXTCLK Exit Sleep + System Clock = XT, HS, LP Cleared until the end of OST |