| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-I/ML bảng dữ liệu(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-I/ML bảng dữ liệu(HTML) 74 Page - Microchip Technology |
|
74 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 74 © 2009 Microchip Technology Inc. 6.4.1 RC0/T1OSO/T1CKI Figure 6-13 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 oscillator output • a Timer1 clock input 6.4.2 RC1/T1OSI/CCP2 Figure 6-14 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 oscillator input • a Capture 2 input, Compare 2 output, and PWM2 output 6.4.3 RC2/CCP1 Figure 6-15 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a Capture 1 input, Compare 1 output, and PWM1 output 6.4.4 RC3/SCK/SCL Figure 6-16 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a SPI clock •an I2C™ clock 6.4.5 RC4/SDI/SDA Figure 6-17 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a SPI data input •an I2C data I/O 6.4.6 RC5/SDO Figure 6-18 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a SPI data output 6.4.7 RC6/TX/CK Figure 6-19 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial output • a synchronous clock I/O 6.4.8 RC7/RX/DT Figure 6-20 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial input • a synchronous serial data I/O Note: CCP2 pin location may be selected as RB3 or RC1. |