| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707T-I/ML bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-I/ML bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 19 PIC16F707/PIC16LF707 TABLE 2-2: SPECIAL FUNCTION REGISTER SUMMARY Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets Bank 0 00h(2) INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx xxxx xxxx 01h TMR0 Timer0 Module Register 0000 0000 0000 0000 02h(2) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 03h(2) STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 000q quuu 04h(2) FSR Indirect Data Memory Address Pointer xxxx xxxx uuuu uuuu 05h PORTA PORTA Data Latch when written: PORTA pins when read xxxx xxxx uuuu uuuu 06h PORTB PORTB Data Latch when written: PORTB pins when read xxxx xxxx uuuu uuuu 07h PORTC PORTC Data Latch when written: PORTC pins when read xxxx xxxx uuuu uuuu 08h PORTD PORTD Data Latch when written: PORTD pins when read xxxx xxxx uuuu uuuu 09h PORTE — — — — RE3 RE2 RE1 RE0 ---- xxxx ---- uuuu 0Ah(1),( 2) PCLATH — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 ---0 0000 0Bh(2) INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 0000 000u 0Ch PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 0Dh PIR2 TMR3GIF TMR3IF TMRBIF TMRAIF — — — CCP2IF 0000 ---0 0000 ---0 0Eh TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu 0Fh TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu 10h T1CON TMR1CS1 TMR1CS0 T1CKPS1 T1CKPS0 T1OSCEN T1SYNC —TMR1ON 0000 00-0 uuuu uu-u 11h TMR2 Timer2 Module Register 0000 0000 0000 0000 12h T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 13h SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu 14h SSPCON WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 15h CCPR1L Capture/Compare/PWM Register 1 (LSB) xxxx xxxx uuuu uuuu 16h CCPR1H Capture/Compare/PWM Register 1 (MSB) xxxx xxxx uuuu uuuu 17h CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 18h RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x 19h TXREG USART Transmit Data Register 0000 0000 0000 0000 1Ah RCREG USART Receive Data Register 0000 0000 0000 0000 1Bh CCPR2L Capture/Compare/PWM Register 2 (LSB) xxxx xxxx uuuu uuuu 1Ch CCPR2H Capture/Compare/PWM Register 2 (MSB) xxxx xxxx uuuu uuuu 1Dh CCP2CON — — DC2B1 DC2B0 CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000 1Eh ADRES A/D Result Register xxxx xxxx uuuu uuuu 1Fh ADCON0 — — CHS3 CHS2 CHS1 CHS0 GO/DONE ADON --00 0000 --00 0000 Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the upper byte of the program counter. 2: These registers can be addressed from any bank. 3: Accessible only when SSPM<3:0> = 1001. |