công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F707T-I/ML bảng dữ liệu(PDF) 90 Page - Microchip Technology

tên linh kiện PIC16F707T-I/ML
Giải thích chi tiết về linh kiện  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-I/ML bảng dữ liệu(HTML) 90 Page - Microchip Technology

Back Button PIC16F707T-I/ML Datasheet HTML 86Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 87Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 88Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 89Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 90Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 91Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 92Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 93Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 90
Preliminary
 2010 Microchip Technology Inc.
REGISTER 10-1:
FVRCON: FIXED VOLTAGE REFERENCE REGISTER
R-q
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
FVRRDY(1)
FVREN
—
—
CDAFVR1(2) CDAFVR0(2)
ADFVR1(2)
ADFVR0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
q = Value depends on condition
bit 7
FVRRDY: Fixed Voltage Reference Ready Flag bit(1)
0 = Fixed Voltage Reference output is not active or stable
1 = Fixed Voltage Reference output is ready for use
bit 6
FVREN: Fixed Voltage Reference Enable bit
0 = Fixed Voltage Reference is disabled
1 = Fixed Voltage Reference is enabled
bit 5-4
Reserved: Read as ‘0’. Maintain these bits clear
bit 3-2
CDAFVR<1:0>: Cap Sense and D/A Converter Fixed Voltage Reference Selection bit(2)
00 = CSM and D/A Converter Fixed Voltage Reference Peripheral output is off.
01 = CSM and D/A Converter Fixed Voltage Reference Peripheral output is 1x (1.024V)
10 = CSM and D/A Converter Fixed Voltage Reference Peripheral output is 2x (2.048V)
11 = CSM and D/A Converter Fixed Voltage Reference Peripheral output is 4x (4.096V)
bit 1-0
ADFVR<1:0>: A/D Converter Fixed Voltage Reference Selection bit(2)
00 = A/D Converter Fixed Voltage Reference Peripheral output is off.
01 = A/D Converter Fixed Voltage Reference Peripheral output is 1x (1.024V)
10 = A/D Converter Fixed Voltage Reference Peripheral output is 2x (2.048V)
11 = A/D Converter Fixed Voltage Reference Peripheral output is 4x (4.096V)
Note 1:
FVRRDY is always ‘1’ on PIC16F707 devices.
2:
Fixed Voltage Reference output cannot exceed VDD.
TABLE 10-1:
REGISTERS ASSOCIATED WITH VOLTAGE REFERENCE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
FVRCON FVRRDY FVREN
Reserved Reserved CDAFVR1 CDAFVR0 ADFVR1
ADFVR0 q000 0000 q000 0000
Legend:
Shaded cells are not used by the voltage reference module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com