| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707T-I/ML bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-I/ML bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 38 Preliminary 2010 Microchip Technology Inc. TBCON 111h 0-00 0000 0-00 0000 u-uu uuuu TMRB 112h 0000 0000 0000 0000 uuuu uuuu DACCON0 113h 000- 00-- 000- 00-- uuu- uu-- DACCON1 114h ---0 0000 ---0 0000 ---u uuuu ANSELA 185h 1111 1111 1111 1111 uuuu uuuu ANSELB 186h 1111 1111 1111 1111 uuuu uuuu ANSELC 187h 1111 1111 1111 1111 uuuu uuuu ANSELD 188h 1111 1111 1111 1111 uuuu uuuu ANSELE 189h ---- -111 ---- -111 ---- -uuu PMCON1 18Ch 1--- ---0 1--- ---0 u--- ---u TABLE 3-5: INITIALIZATION CONDITION FOR REGISTERS (CONTINUED) Register Address Power-on Reset/ Brown-out Reset(1) MCLR Reset/ WDT Reset Wake-up from Sleep through Interrupt/Time-out Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition. Note 1: If VDD goes too low, Power-on Reset will be activated and registers will be affected differently. 2: One or more bits in INTCON and/or PIR1 and PIR2 will be affected (to cause wake-up). 3: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h). 4: See Table 3-2 for Reset value for specific condition. 5: If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u. TABLE 3-6: SUMMARY OF REGISTERS ASSOCIATED WITH RESETS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets(1) STATUS IRP RP1 RP0 TO PD Z DC C 0001 1xxx 000q quuu PCON — — — — — —POR BOR ---- --qq ---- --uu Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition. Shaded cells are not used by Resets. Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation. |