công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F707T-I/ML bảng dữ liệu(PDF) 113 Page - Microchip Technology

tên linh kiện PIC16F707T-I/ML
Giải thích chi tiết về linh kiện  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-I/ML bảng dữ liệu(HTML) 113 Page - Microchip Technology

Back Button PIC16F707T-I/ML Datasheet HTML 109Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 110Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 111Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 112Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 113Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 114Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 115Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 116Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 113
PIC16F707/PIC16LF707
REGISTER 14-1:
TxCON: TIMERA/TIMERB CONTROL REGISTER
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
TMRxON
—
TMRxCS
TMRxSE
TMRxPSA
TMRxPS2
TMRxPS1
TMRxPS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TMRxON: TimerA/TimerB On/Off Control bit
1 = Timerx is enabled
0 = Timerx is disabled
bit 6
Unimplemented: Read as ‘0’
bit 5
TMRxCS: TMRx Clock Source Select bit
1 = Transition on TxCKI pin or CPSxOSC signal
0 = Internal instruction cycle clock (FOSC/4)
bit 4
TMRxSE: TMRx Source Edge Select bit
1 = Increment on high-to-low transition on TxCKI pin
0 = Increment on low-to-high transition on TxCKI pin
bit 3
TMRxPSA: Prescaler Assignment bit
1 = Prescaler is disabled. Timer clock input bypasses prescaler.
0 = Prescaler is enabled. Timer clock input comes from the prescaler output.
bit 2-0
TMRxPS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
BIT VALUE
TMRx RATE
TABLE 14-2:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMERA/B
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
CPSACON0
CPSAON
CPSARM
—
—
CPSARNG1
CPSARNG0 CPSAOUT
TAXCS
00-- 0000
00-- 0000
CPSBCON0
CPSBON
CPSBRM
—
—
CPSBRNG1
CPSBRNG0 CPSBOUT
TBXCS
00-- 0000
00-- 0000
PIE2
TMR3GIE
TMR3IE
TMRBIE
TMRAIE
—
—
—
CCP2IE
0000 ---0
0000 ---0
PIR2
TMR3GIF
TMR3IF
TMRBIF
TMRAIF
—
—
—
CCP2IF
0000 ---0
0000 ---0
TACON
TMRAON
—
TACS
TASE
TAPSA
TAPS2
TAPS1
TAPS0
0-00 0000
0-00 0000
TBCON
TMRBON
—
TBCS
TBSE
TBPSA
TBPS2
TBPS1
TBPS0
0-00 0000
0-00 0000
TMRA
TimerA Module Register
0000 0000
0000 0000
TMRB
TimerB Module Register
0000 0000
0000 0000
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
Legend:
– = Unimplemented locations, read as ‘0’. Shaded cells are not used by the TimerA/B modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com