công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F707T-I/ML bảng dữ liệu(PDF) 103 Page - Microchip Technology

tên linh kiện PIC16F707T-I/ML
Giải thích chi tiết về linh kiện  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-I/ML bảng dữ liệu(HTML) 103 Page - Microchip Technology

Back Button PIC16F707T-I/ML Datasheet HTML 99Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 100Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 101Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 102Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 103Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 104Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 105Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 106Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 103
PIC16F707/PIC16LF707
13.6.3
TxG PIN GATE OPERATION
The TxG pin is one source for Timer1/3 gate control.
It can be used to supply an external source to the
Timer1/3 gate circuitry. Timer1 gate can be configured
for the T1G pin and Timer3 gate can be configured for
the T3G pin.
13.6.4
TIMERA/B OVERFLOW GATE
OPERATION
When TimerA/B increments from FFh to 00h a low-to-
high pulse will automatically be generated and
internally supplied to the Timer1/3 gate circuitry. Timer1
gate can be configured for TimerA overflow and Timer3
gate can be configured for TimerB overflow.
13.6.5
TIMER2 MATCH GATE OPERATION
The TMR2 register will increment until it matches the
value in the PR2 register. On the very next increment
cycle, TMR2 will be reset to 00h. When this Reset
occurs, a low-to-high pulse will automatically be gener-
ated and internally supplied to the Timer1/3 gate cir-
cuitry. Both Timer1 gate and Timer3 gate can be
configured for the Timer2 match.
13.6.6
WATCHDOG OVERFLOW GATE
OPERATION
The Watchdog Timer oscillator, prescaler and counter
will be automatically turned on when TMRxGE = 1 and
TxGSS selects the WDT as a gate source for Timer1/3
(TxGSS = 11). TMRxON does not factor into the oscil-
lator, prescaler and counter enable. See Table 13-6.
Both Timer1 gate and Timer3 gate can be configured
for Watchdog overflow.
The PSA and PS bits of the OPTION register still
control what time-out interval is selected. Changing the
prescaler during operation may result in a spurious
capture.
Enabling the Watchdog Timer oscillator does not
automatically enable a Watchdog Reset or wake-up
from Sleep upon counter overflow.
As the gate signal coming from the WDT counter will
generate different pulse widths, depending on if the
WDT is enabled, when the CLRWDT instruction is exe-
cuted, and so on, Toggle mode must be used. A spe-
cific sequence is required to put the device into the
correct state to capture the next WDT counter interval.
TABLE 13-5:
TIMER1/3 GATE SOURCES
TxGSS
Timer1 Gate Source
Timer3 Gate Source
00
Timer1 Gate Pin
Timer3 Gate Pin
01
Overflow of TimerA
(TMRA increments from FFh to 00h)
Overflow of TimerB
(TMRB increments from FFh to 00h)
10
Timer2 match PR2
(TMR2 increments to match PR2)
Timer2 match PR2
(TMR2 increments to match PR2)
11
Count Enabled by WDT Overflow
(Watchdog Time-out interval expired)
Count Enabled by WDT Overflow
(Watchdog Time-out interval expired)
Note:
When using the WDT as a gate source for
Timer1/3, operations that clear the
Watchdog
Timer
(CLRWDT,
SLEEP
instructions) will affect the time interval
being measured for capacitive sensing.
This includes waking from Sleep. All other
interrupts that might wake the device from
Sleep should be disabled to prevent them
from disturbing the measurement period.
TABLE 13-6:
WDT/TIMER1/3 GATE INTERRACTION
WDTE
TMRxGE = 1 and
TxGSS = 11
WDT Oscillator
Enable
WDT Reset
Wake-up
WDT Available for
TxG Source
1
NY
Y
Y
N
1
YY
Y
Y
Y
0
YY
N
N
Y
0
NN
N
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com