| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707-E/ML bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 15 PIC16F707/PIC16LF707 RC4/SDI/SDA RC4 ST CMOS General purpose I/O. SDI ST — SPI data input. SDA I2C™ OD I2C™ data input/output. RC5/SDO/CPSA9 RC5 ST CMOS General purpose I/O. SDO — CMOS SPI data output. CPSA9 AN — Capacitive sensing A input 9. RC6/TX/CK/CPSA10 RC6 ST CMOS General purpose I/O. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. CPSA10 AN — Capacitive sensing A input 10. RC7/RX/DT/CPSA11 RC7 ST CMOS General purpose I/O. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. CPSA11 AN — Capacitive sensing A input 11. RD0/CPSB5/T3G RD0 ST CMOS General purpose I/O. CPSB5 AN — Capacitive sensing B input 5. T3G ST — Timer3 Gate input. RD1/CPSB6 RD1 ST CMOS General purpose I/O. CPSB6 AN — Capacitive sensing B input 6. RD2/CPSB7 RD2 ST CMOS General purpose I/O. CPSB7 AN — Capacitive sensing B input 7. RD3/CPSA8 RD3 ST CMOS General purpose I/O. CPSA8 AN — Capacitive sensing A input 8. RD4/CPSA12 RD4 ST CMOS General purpose I/O. CPSA12 AN — Capacitive sensing A input 12. RD5/CPSA13 RD5 ST CMOS General purpose I/O. CPSA13 AN — Capacitive sensing A input 13. RD6/CPSA14 RD6 ST CMOS General purpose I/O. CPSA14 AN — Capacitive sensing A input 14. RD7/CPSA15 RD7 ST CMOS General purpose I/O. CPSA15 AN — Capacitive sensing A input 15. RE0/AN5/CPSA5 RE0 ST CMOS General purpose I/O. AN5 AN — A/D Channel 5 input. CPSA5 AN — Capacitive sensing A input 5. RE1/AN6/CPSA6 RE1 ST CMOS General purpose I/O. AN6 AN — A/D Channel 6 input. CPSA6 AN — Capacitive sensing A input 6. RE2/AN7/CPSA7 RE2 ST CMOS General purpose I/O. AN7 AN — A/D Channel 7 input. CPSA7 AN — Capacitive sensing A input 7. RE3/MCLR/VPP RE3 TTL — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD Power — Positive supply. TABLE 1-1: PIC16F707/PIC16LF707 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |