| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707-E/ML bảng dữ liệu(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML bảng dữ liệu(HTML) 95 Page - Microchip Technology |
|
95 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 95 PIC16F707/PIC16LF707 12.0 TIMER0 MODULE The Timer0 module is an 8-bit timer/counter with the following features: • 8-bit timer/counter register (TMR0) • 8-bit prescaler (shared with Watchdog Timer) • Programmable internal or external clock source • Programmable external clock edge selection • Interrupt on overflow Figure 12-1 is a block diagram of the Timer0 module. FIGURE 12-1: BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER T0CKI TMR0SE TMR0 WDT Time-out PS<2:0> WDTE Data Bus Set Flag bit TMR0IF on Overflow TMR0CS 0 1 0 1 0 1 8 8 8-bit Prescaler 0 1 FOSC/4 PSA PSA PSA Sync 2 TCY Divide by 512 TMR1GE T1GSS = 11 pin Note 1: TMR0SE, TMR0CS, PSA, PS<2:0> are bits in the OPTION register. 2: WDTE bit is in Configuration Word 1. 3: T1GSS and TMR1GE are in the T1GCON register. |