| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16IS752IPW bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS752IPW bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 59 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] These registers are accessible only when LCR[7] = logic 0. [2] This bit can only be modified if register bit EFR[4] is enabled. [3] These bits are reserved and should be set to logic 0. [4] After Receive FIFO or Transmit FIFO reset (through FCR [1:0]), the user must wait at least 2 × T clk of XTAL1 before reading or writing data to RHR and THR respectively. [5] Burst reads on the serial interface (that is, reading multiple elements on the I2C-bus without a STOP or repeated START condition, or reading multiple elements on the SPI bus without de-asserting the CS pin), should not be performed on the IIR register. [6] These registers are accessible only when EFR[4] = logic 1, and MCR[2] = logic 1. [7] These registers apply to both channels. [8] IrDA mode slow/fast for SC16IS762, slow only for SC16IS752. [9] The Special Register set is accessible only when LCR[7] = logic 1 and LCR is not 0xBF. [10] Enhanced Features Registers are only accessible when LCR = 0xBF. Special register set[9] 0x00 DLL bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x01 DLH bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W Enhanced register set[10] 0x02 EFR Auto CTS Auto RTS special character detect enable enhanced functions software flow control bit 3 software flow control bit 2 software flow control bit 1 software flow control bit 0 R/W 0x04 XON1 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x05 XON2 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x06 XOFF1 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W 0x07 XOFF2 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 R/W Table 10. SC16IS752/SC16IS762 internal registers …continued Register address Register Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 R/W |