công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

09HSI-S043-R0-CHT bảng dữ liệu(PDF) 60 Page - Hirose Electric

tên linh kiện 09HSI-S043-R0-CHT
Giải thích chi tiết về linh kiện  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT bảng dữ liệu(HTML) 60 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 56Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 57Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 58Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 59Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 60Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 61Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 62Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 63Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 64Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 60
5. Measurement
5.1 Measurement Setup
To measure the connector’s performance directly we pre-characterized and de-embedded the
test boards to eliminate the effects of SMAs, traces and vias. The characterization boards were
designed to have minimal effect on the connector’s performance. The traces have controlled
impedance of 50
Ω and coplanar traces were used to minimize the crosstalk from trace to trace.
Please refer to the document IT3_Characterization_Board_v09.doc for more details about the
characterization board for IT3.
The measurement setup is shown in Figure 98.
Figure 98 Measurement setup
IT3-25mm was also tested in a 12” channel with 120mil FR408 board, mid-layer routing, and 8-
aggressor cross-talk, as shown in Figure 99. Please refer to the document IT3_demo_board_v2.doc
for more details about the demo board for IT3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com