công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ256DA206 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện PIC24FJ256DA206
Giải thích chi tiết về linh kiện  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 5Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 6Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 7Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 8Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 9Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 10Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 11Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 12Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 9
PIC24FJ256DA210 FAMILY
81
RP25/PMWR/CN13/RD4
91
AN23/GEN/CN39/RA6
82
RP20/PMRD/CN14/RD5
92
AN22/PMA17/CN40/RA7
83
C3INB/PMD14/CN15/RD6
93
PMD0/CN58/RE0
84
C3INA/SESSEND/PMD15/CN16/RD7
94
PMD1/CN59/RE1
85
VCAP
95
PMA16/CN81/RG14
86
ENVREG
96
VSYNC/CN79/RG12
87
VBUSST/VCMPST1/VBUSVLD/PMD11/CN68/RF0
97
HSYNC/CN80/RG13
88
VCMPST2/SESSVLD/PMD10/CN69/RF1
98
PMD2/CN60/RE2
89
PMD9/CN78/RG1
99
PMD3/CN61/RE3
90
PMD8/CN77/RG0
100
PMD4/CN62/RE4
TABLE 2:
COMPLETE PIN FUNCTION DESCRIPTIONS FOR 100-PIN DEVICES
PinFunctionPin
Function
Legend:
RPn and RPIn represent remappable pins for Peripheral Pin Select (PPS) functions.
Note
1:
Alternate pin assignments for VREF+ and VREF- when the ALTVREF Configuration bit is programmed.
2:
Alternate pin assignments for EPMP when the ALTPMP Configuration bit is programmed.
3:
Pin assignment for PMCSx when CSF<1:0> is not equal to ‘00’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More