công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ256DA206 bảng dữ liệu(PDF) 73 Page - Microchip Technology

tên linh kiện PIC24FJ256DA206
Giải thích chi tiết về linh kiện  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256DA206 bảng dữ liệu(HTML) 73 Page - Microchip Technology

Back Button PIC24FJ256DA206 Datasheet HTML 69Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 70Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 71Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 72Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 73Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 74Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 75Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 76Page - Microchip Technology PIC24FJ256DA206 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 73
PIC24FJ256DA210 FAMILY
4.2.5.2
Data Write into EDS Space
In order to write data to EDS space, such as in EDS
reads, an Address Pointer is set up by loading the
required EDS page number into the DSWPAG register,
and assigning the offset address to one of the W regis-
ters. Once the above assignment is done, then the
EDS window is enabled by setting bit 15 of the working
register, assigned with the offset address, and the
accessed location can be written.
Figure 4-2 illustrates how the EDS space address is
generated for write operations.
FIGURE 4-6:
EDS ADDRESS GENERATION FOR WRITE OPERATIONS
When the MSBs of EA is ‘1’, the lower 9 bits of
DSWPAG are concatenated to the lower 15 bits of EA
to form a 24-bit EDS address for write operations.
Example 4-2 shows how to write a byte, word and dou-
ble-word to EDS.
EXAMPLE 4-2:
EDS WRITE CODE IN ASSEMBLY
DSWPAG Reg
Select
Wn
8
15 Bits
9 Bits
24-Bit EA
Wn<0> is Byte Select
1
0
; Set the EDS page where the data to be written
mov
#0x0002 , w0
mov
w0 , DSWPAG
;page 2 is selected for write
mov
#0x0800 ,
w1
;select the location (0x800) to be written
bset
w1 , #15
;set the MSB of the base address, enable EDS mode
;Write a byte to the selected location
mov
#0x00A5 , w2
mov
#0x003C , w3
mov.b
w2 , [w1++]
;write Low byte
mov.b
w3 , [w1++]
;write High byte
;Write a word to the selected location
mov
#0x1234
, w2
;
mov
w2 , [w1]
;
;Write a Double - word to the selected location
mov
#0x1122 , w2
mov
#0x4455 , w3
mov.d
w2 , [w1]
;2 EDS writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com