| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ256DA206 bảng dữ liệu(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ256DA206 bảng dữ liệu(HTML) 85 Page - Microchip Technology |
|
85 / 408 page ![]() 2010 Microchip Technology Inc. DS39969B-page 85 PIC24FJ256DA210 FAMILY EXAMPLE 5-2: ERASING A PROGRAM MEMORY BLOCK (‘C’ LANGUAGE CODE) EXAMPLE 5-3: LOADING THE WRITE BUFFERS EXAMPLE 5-4: INITIATING A PROGRAMMING SEQUENCE // C example using MPLAB C30 unsigned long progAddr = 0xXXXXXX; // Address of row to write unsigned int offset; //Set up pointer to the first memory location to be written TBLPAG = progAddr>>16; // Initialize PM Page Boundary SFR offset = progAddr & 0xFFFF; // Initialize lower word of address __builtin_tblwtl(offset, 0x0000); // Set base address of erase block // with dummy latch write NVMCON = 0x4042; // Initialize NVMCON asm("DISI #5"); // Block all interrupts with priority <7 // for next 5 instructions __builtin_write_NVM(); // check function to perform unlock // sequence and set WR ; Set up NVMCON for row programming operations MOV #0x4001, W0 ; MOV W0, NVMCON ; Initialize NVMCON ; Set up a pointer to the first program memory location to be written ; program memory selected, and writes enabled MOV #0x0000, W0 ; MOV W0, TBLPAG ; Initialize PM Page Boundary SFR MOV #0x6000, W0 ; An example program memory address ; Perform the TBLWT instructions to write the latches ; 0th_program_word MOV #LOW_WORD_0, W2 ; MOV #HIGH_BYTE_0, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 1st_program_word MOV #LOW_WORD_1, W2 ; MOV #HIGH_BYTE_1, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 2nd_program_word MOV #LOW_WORD_2, W2 ; MOV #HIGH_BYTE_2, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch • • • ; 63rd_program_word MOV #LOW_WORD_63, W2 ; MOV #HIGH_BYTE_63, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0] ; Write PM high byte into program latch DISI #5 ; Block all interrupts with priority <7 ; for next 5 instructions MOV.B #0x55, W0 MOV W0, NVMKEY ; Write the 0x55 key MOV.B #0xAA, W1 ; MOV W1, NVMKEY ; Write the 0xAA key BSET NVMCON, #WR ; Start the programming sequence NOP ; Required delays NOP BTSC NVMCON, #15 ; and wait for it to be BRA $-2 ; completed |