| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC1G74DP bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G74DP bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 21 page ![]() 74LVC1G74_8 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 08 — 3 December 2009 5 of 21 NXP Semiconductors 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger [1] H = HIGH voltage level; L = LOW voltage level; ↑ = LOW-to-HIGH CP transition; Qn+1 = state after the next LOW-to-HIGH CP transition. 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation. [3] For TSSOP8 packages: above 55 °C the value of P tot derates linearly with 2.5 mW/K. For VSSOP8 packages: above 110 °C the value of P tot derates linearly with 8.0 mW/K. For XSON8, XSON8U and XQFN8U packages: above 118 °C the value of P tot derates linearly with 7.8 mW/K. 9. Recommended operating conditions Table 5. Function table for synchronous operation[1] Input Output SD RD CP D Qn+1 Qn+1 HH ↑ LLH HH ↑ HHL Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +6.5 V IIK input clamping current VI <0V −50 - mA VI input voltage [1] −0.5 +6.5 V IOK output clamping current VO >VCC or VO <0V - ±50 mA VO output voltage Active mode [1] −0.5 VCC + 0.5 V Power-down mode [1][2] −0.5 +6.5 V IO output current VO =0 VtoVCC - ±50 mA ICC supply current - 100 mA IGND ground current −100 - mA Ptot total power dissipation Tamb = −40 °C to +125 °C [3] - 300 mW Tstg storage temperature −65 +150 °C Table 7. Operating conditions Symbol Parameter Conditions Min Max Unit VCC supply voltage 1.65 5.5 V VI input voltage 0 5.5 V VO output voltage Active mode 0 VCC V Power-down mode; VCC = 0 V 0 5.5 V Tamb ambient temperature −40 +125 °C ∆t/∆V input transition rise and fall rate VCC = 1.65 V to 2.7 V - 20 ns/V VCC = 2.7 V to 5.5 V - 10 ns/V |