công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 195 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 195 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 190Page - Texas Instruments AM1707ZKB4 Datasheet HTML 191Page - Texas Instruments AM1707ZKB4 Datasheet HTML 192Page - Texas Instruments AM1707ZKB4 Datasheet HTML 193Page - Texas Instruments AM1707ZKB4 Datasheet HTML 194Page - Texas Instruments AM1707ZKB4 Datasheet HTML 195Page - Texas Instruments AM1707ZKB4 Datasheet HTML 196Page - Texas Instruments AM1707ZKB4 Datasheet HTML 197Page - Texas Instruments AM1707ZKB4 Datasheet HTML 198Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 195 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
Table 8-1. Thermal Resistance Characteristics (PBGA Package) [ZKB]
PARAMETER
°C/W(1)
°C/W(2)
AIR FLOW (m/s)(3)
R
ΘJC
Junction-to-case
12.8
13.5
N/A
R
ΘJB
Junction-to-board
15.1
19.7
N/A
R
ΘJA
Junction-to-free air
24.5
33.8
0.00
21.9
30
0.50
21.1
28.7
1.00
R
ΘJMA
Junction-to-moving air
20.4
27.4
2.00
19.6
26
4.00
0.6
0.8
0.00
0.8
1
0.50
PsiJT
Junction-to-package top
0.9
1.2
1.00
1.1
1.4
2.00
1.3
1.8
4.00
14.9
19.1
0.00
14.4
18.2
0.50
PsiJB
Junction-to-board
14.4
18
1.00
14.3
17.7
2.00
14.1
17.4
4.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system and will change based on environment as well as application.
For more information, see these EIA/JEDEC standards – EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment
Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount
Packages. Power dissipation of 1W and ambient temp of 70C assumed. PCB with 2oz (70um) top and bottom copper thickness and
1.5oz (50um) inner copper thickness
(2)
Simulation data, using the same model but with 1oz (35um) top and bottom copper thickness and 0.5oz (18um) inner copper thickness.
Power dissipation of 1W and ambient temp of 70C assumed.
(3)
m/s = meters per second
8.3
Mechanical Drawings
This section contains mechanical drawings for the device.
Copyright © 2010, Texas Instruments Incorporated
Mechanical Packaging and Orderable Information
195
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com