| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KNP-R3AU1KCTB bảng dữ liệu(PDF) 46 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AU1KCTB bảng dữ liệu(HTML) 46 Page - Token Electronics Industry Co., Ltd. |
|
46 / 60 page ![]() How to Order 1/4W 100R J MF-25 TB MF Metal Film Precision Resistors Back to 1st Page - Metal Film Resistors (MF) Part Number: MF Rated Power (W) Resistance Value (Ω) Resistance Tolerance (%) Code Resistance Tolerance J ±5% Package Electrical Performance Code Resistance Value 10R 10Ω 100R 100Ω 1K 1KΩ 1M 1MΩ Code Package P Bulk REQUIREMENTS CHARACTERISTICS JIS C 5202 MIL-R-10509F Operating Temp.Range -55°C ~ 155°C Temp Coefficient (°C ) ±25 ±50 ±100 5.2 4.6.12 Short Time Overload ±(0.5%%+0.05Ω) 5.5 A 4.6.6 Dielectric Withstanding V ±(0.5%+0.05Ω) 5.7 A 4.6.8 Effect of Soldering ±(0.5%+0.05Ω) 6.4 350°C 3 sec 4.6.10 Temperature Cycling ±(0.5%+0.05Ω) 7.4 4.6.4 Low Temp Operation ±(0.5%+0.05Ω) 4.6.5 Terminal Strength ±(0.5%+0.05Ω) 6.1 4.6.7 Moisture Resistance ±(1%+0.05Ω) 7.9 1,000hr MIL R-22684 4.6.10 Load Life ±(1%+0.05Ω) 7.10 1,000hr 4.6.13 Storage ±(0.2%+0.05Ω) Shelved one year in a room of normal temperature and humidity TOKEN 44 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |